Part Number Hot Search : 
AD515AL 12400 505020 AD7397AR TLOH62TF 104K2G P600S DG408AK
Product Description
Full Text Search
 

To Download 2SC3969 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3969
DESCRIPTION *Low Collector Saturation Voltage *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V (Min) *High Switching Speed
APPLICATIONS *Designed for switching regulator applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w w
scs .i w
400 V 400 V 7 V 2 A 4 A 20 W 2
.cn mi e
ICM
Collector Current-Peak Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)CBO V(BR)CEO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE fT COB PARAMETER Collector-Emitter Sustaining Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain CONDITIONS IC= 1.0A ; IB1= 0.1A, L= 1mH IC= 50A; IE= 0 IC= 1mA; IB= 0
B
2SC3969
MIN 400 400 400 7
TYP.
MAX
UNIT V V V V
IE= 50A; IC= 0 IC= 1A; IB= 0.2A
B
1.0 1.5 10 10 50 10 30
V V A A
IC= 1A; IB= 0.2A
B
VCB= 400V; IE= 0
Current-Gain--Bandwidth Product Output Capacitance
Switching times ton tstg tf
w w
scs .i w
VEB= 7V; IC= 0
IC= 0.1A ; VCE= 5V
IE= -0.1A ; VCE= 10V
.cn mi e
25
MHz pF
IE= 0; VCB= 10V; f= 1.0MHz
Turn-on Time Storage Time Fall Time IC= 0.8A ; IB1= -IB2= 0.08A; RL= 250;VCC 200V
1.0 2.5 1.0
s s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3969

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X